PART |
Description |
Maker |
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
TLP170ATPF TLP170A |
Photorelay (MOSFET output, 1-form-a) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Toshiba Corporation
|
PS7802A-1A-F3-A PS7802A-1A PS7802A-1A-A PS7802A-1A |
TRANSISTOR OUTPUT SOLID STATE RELAY, 500 V ISOLATION-MAX 4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
|
NEC
|
G3TA-OA202SZ-USDC12 G3TA-IDZR02S-USDC5-24 G3TA-IAZ |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRANSISTOR OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Omron Electronics, LLC Fujitsu, Ltd.
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
ODC5 CRYDOMCORP-ODC5MA |
TRANSISTOR OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
LCB126STR LCB110 LCB110S |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Crydom, Inc. CRYDOM CORP
|
PVR2300N |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
|
TLP595AIFT2-LF4 TLP595ATP1 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
3M Company
|